PART |
Description |
Maker |
IRFSL33N15D IRFS33N15DTRL IRFS33N15DTRR IRFB33N15D |
150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRF3315L IRF3315S IRF3315STRL IRF3315STRR |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
IRFPS3815 |
150V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
|
IRF[International Rectifier]
|
IRF7494TR |
Leaded 150V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRFR6215TRL IRFR6215PBF IRFR6215TRR IRFU6215 |
-150V Single P-Channel HEXFET Power MOSFET in a D-Pak package -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRFP3415 |
150V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
PB-IRFU6215 |
Leaded -150V Single P-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRLI3615 |
150V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRF5Y3315CM |
150V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.085ohm, Id=18A*)
|
IRF[International Rectifier]
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRF5NJ6215 |
Avalanche Energy Ratings POWER MOSFET P-CHANNEL(Vdss=-150V, Rds(on)=0.29ohm, Id=-11A) -150V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
International Rectifier
|